Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW-CWAXBAA3 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM4B-RKW-CWAXBAA3
Description  1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4B-RKW-CWAXBAA3 Datasheet(HTML) 1 Page - Cree, Inc

  CLM4B-RKW-CWAXBAA3 Datasheet HTML 1Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 2Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 3Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 4Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 5Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 6Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 7Page - Cree, Inc CLM4B-RKW-CWAXBAA3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
SMD LEDs is packaged in the industry standard package. These LEDs have
high reliability performance and are designed to work under a wide range of
environmental conditions. This high reliability feature makes them ideally
suited to be used under architectural lighting application conditions.
Its wide viewing angle makes these LEDs ideally suited for channel letter,
or architectural lighting applications. The flat top emitting surface makes
it easy for these LEDs to mate with light pipes.
FEATURES
• Size (mm): 3.2 x 2.7
• Color and Typical Dominant Wavelength (nm):
Red (624)
Amber (591)
• Luminous Intensity (mcd)
CLM4B-RKW (1120-2800)
CLM4B-AKW (1120-2800)
• Viewing Angle: 120 degree
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Light Strip
• Channel Letter
• Architectural Lighting
Cree® PLCC4 1 in 1 SMD LED
CLM4B-RKW&AKW
Data Sheet


Similar Part No. - CLM4B-RKW-CWAXBAA3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-RKW-CWaXbAA3 MARKTECH-CLM4B-RKW-CWaXbAA3 Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B-RKW-CWAXBAA3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
PLCC2 1 in 1 SMD LED
CLM4B-BKW CREE-CLM4B-BKW Datasheet
287Kb / 6P
PLCC4 1-in-1 SMD LED
CLM2B-REW CREE-CLM2B-REW Datasheet
484Kb / 8P
1 in 1 SMD LED
CLM3A-WKW CREE-CLM3A-WKW Datasheet
376Kb / 10P
1-in-1 SMD LED
CLM4B-PKW CREE-CLM4B-PKW Datasheet
420Kb / 8P
1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B Datasheet
484Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B Datasheet
446Kb / 8P
PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-CPC CREE-CLM2D-CPC Datasheet
812Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-GPC CREE-CLM2D-GPC Datasheet
826Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com