Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-FKB Datasheet(PDF) 3 Page - Cree, Inc

Part # CLP6C-FKB
Description  PLCC6 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLP6C-FKB Datasheet(HTML) 3 Page - Cree, Inc

  CLP6C-FKB Datasheet HTML 1Page - Cree, Inc CLP6C-FKB Datasheet HTML 2Page - Cree, Inc CLP6C-FKB Datasheet HTML 3Page - Cree, Inc CLP6C-FKB Datasheet HTML 4Page - Cree, Inc CLP6C-FKB Datasheet HTML 5Page - Cree, Inc CLP6C-FKB Datasheet HTML 6Page - Cree, Inc CLP6C-FKB Datasheet HTML 7Page - Cree, Inc CLP6C-FKB Datasheet HTML 8Page - Cree, Inc CLP6C-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CLD-CT933.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
Color Bin Limit (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%
Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Ga
535
540
Red
Bin Code
Min.(mcd)
Max.(mcd)
K
560
710
M
710
900
N
900
1120
Green
Bin Code
Min.(mcd)
Max.(mcd)
P
1120
1400
Q
1400
1800
R
1800
2240
Blue
Bin Code
Min.(mcd)
Max.(mcd)
G
280
355
H
355
450
J
450
560
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475
B6
475
480



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com