Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-RKW Datasheet(PDF) 5 Page - Cree, Inc

Part # CLP6C-RKW
Description  PLCC6 3-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLP6C-RKW Datasheet(HTML) 5 Page - Cree, Inc

  CLP6C-RKW Datasheet HTML 1Page - Cree, Inc CLP6C-RKW Datasheet HTML 2Page - Cree, Inc CLP6C-RKW Datasheet HTML 3Page - Cree, Inc CLP6C-RKW Datasheet HTML 4Page - Cree, Inc CLP6C-RKW Datasheet HTML 5Page - Cree, Inc CLP6C-RKW Datasheet HTML 6Page - Cree, Inc CLP6C-RKW Datasheet HTML 7Page - Cree, Inc CLP6C-RKW Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
CLD-CT1183.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
IF(mA)
VF(V)
IF (mA)
0.0
0.5
2.0
1.0
1.5
2.5
60
20
40
100
80
0
2.6
1.8
2.2
2.0
2.4
2.8
20.0
40.0
80.0
60.0
100.0
0.0
-10
VS. REVERSE VOLTAGE.
FIG.3 RED &YELLOW REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 120
Angle
IF(mA)
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
FIG.5 RED &YELLOW MAXIMUM FORWARD DCCURRENT
VS AMBIENT TEMPERATURE (Tjmax=110 C)
Rth j-a=250 C/W
Rth j-s=150 C/W
Yellow
Red
Yellow
Red
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
Red
Amber
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parameters of each single LED. Hence, these data will be changed without further notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com