Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP43B-RGS-CV0Y0AA4 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP43B-RGS-CV0Y0AA4
Description  P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP43B-RGS-CV0Y0AA4 Datasheet(HTML) 1 Page - Cree, Inc

  CP43B-RGS-CV0Y0AA4 Datasheet HTML 1Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 2Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 3Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 4Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 5Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 6Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 7Page - Cree, Inc CP43B-RGS-CV0Y0AA4 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® P4 LED
CP43B-RGS/AGS
Data Sheet
This revolutionary package design allows the lighting designer to reduce the number of
LEDs required and provide a more uniform and unique illuminated appearance than with
other LED solutions.
This is possible through the efficient optical package design and high current capabilities.
The low profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired lit appearance. This product family employs green and blue
LED materials, which allow designers to match the color of many lighting applications like
vehicle signal lamps and amusement lighting.
FEATURES
• Size (mm): 7.6 x 7.6
• Color and Typical Dominant Wavelength (nm):
Red (624)
Amber (591)
• Luminous Intensity (mcd)
Red (2130 - 8200)
Amber (2130 - 8200)
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Channel Letter
• Amusement


Similar Part No. - CP43B-RGS-CV0Y0AA4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP43B-RGS-CV0Y0AA4 MARKTECH-CP43B-RGS-CV0Y0AA4 Datasheet
524Kb / 8P
Cree짰 P4 LED
More results

Similar Description - CP43B-RGS-CV0Y0AA4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
P4 LED
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
P4 LED
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com