Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP43B-RGS-CX0Y0AA4 Datasheet(PDF) 2 Page - Cree, Inc

Part # CP43B-RGS-CX0Y0AA4
Description  P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP43B-RGS-CX0Y0AA4 Datasheet(HTML) 2 Page - Cree, Inc

  CP43B-RGS-CX0Y0AA4 Datasheet HTML 1Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 2Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 3Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 4Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 5Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 6Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 7Page - Cree, Inc CP43B-RGS-CX0Y0AA4 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CLD-CT1135.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
70 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
210
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 5 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
Class 2
Note:
1. A heat sink is recommended if the device is operated at ambient temperatures higher than 25°C.
2. Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 70 mA
V
2.5
3.0
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 70 mA
nm
618
624
630
Amber
λ
D
I
F = 70 mA
nm
584
591
599
Luminous Intensity
Red
I
V
I
F = 70 mA
mcd
2130
4500
Amber
I
V
I
F = 70 mA
mcd
2130
5000
50% Power Angle
Red/Amber
2θ½H-H
I
F = 70 mA
deg
90
Red/Amber
2θ½V-V
I
F = 70 mA
deg
35



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com