Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41B-RFS-CL0P0EE4 Datasheet(PDF) 2 Page - Cree, Inc

Part # CP41B-RFS-CL0P0EE4
Description  P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-RFS-CL0P0EE4 Datasheet(HTML) 2 Page - Cree, Inc

  CP41B-RFS-CL0P0EE4 Datasheet HTML 1Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 2Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 3Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 4Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 5Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 6Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 7Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 8Page - Cree, Inc CP41B-RFS-CL0P0EE4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
70 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
220
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 5 sec. max.
(3 mm from the base of the epoxy bulb)
Note:
1. A heat sink is recommended if the device is operated at ambient temperatures higher than 25°C.
2. Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 70 mA
V
2.5
3.0
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 70 mA
nm
620
628
637
Amber
λ
D
I
F = 70 mA
nm
584
591
599
Luminous Flux
Red
CP41B-RDS (40 degree)
Φ
v
I
F = 70 mA
mlm
4400
7000
CP41B-RFS (70 degree)
Φ
v
I
F = 70 mA
mlm
4400
7500
CP41B-RHS (100 degree)
Φ
v
I
F = 70 mA
mlm
5500
8000
Amber
CP41B-ADS (40 degree)
Φ
v
I
F = 70 mA
mlm
4400
6500
CP41B-AFS (70 degree)
Φ
v
I
F = 70 mA
mlm
5500
7500
CP41B-AHS (100 degree)
Φ
v
I
F = 70 mA
mlm
5500
8000
50% Power Angle
CP41B-RDS/ADS
2θ½
I
F = 70 mA
deg
40
CP41B-RFS/AFS
2θ½
I
F = 70 mA
deg
70
CP41B-RHS/AHS
2θ½
I
F = 70 mA
deg
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com