Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41B-RFS-CM0P0EE4 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP41B-RFS-CM0P0EE4
Description  P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-RFS-CM0P0EE4 Datasheet(HTML) 1 Page - Cree, Inc

  CP41B-RFS-CM0P0EE4 Datasheet HTML 1Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 2Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 3Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 4Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 5Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 6Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 7Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 8Page - Cree, Inc CP41B-RFS-CM0P0EE4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® P4 LED
CP41B-RDS/ADS (40 degrees)
CP41B-RFS/AFS (70 degrees)
CP41B-RHS/AHS (100 degrees)
Data Sheet
This revolutionary package design allows the lighting designer to reduce the number of LEDs
required and provide a more uniform and unique illuminated appearance than with other
LED solutions.
This is possible through the efficient optical package design and high-current capabilities.
The low-profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired lit appearance. This product family employs red and amber LED
materials, which allows designers to match the color of many lighting applications like vehicle
signal lamps, channel letters and gaming-equipment lighting.
FEATURES
Size (mm): 7.6 x 7.6
Color and Typical Dominant Wavelength (nm):
»
Red (628)
»
Amber (591)
Luminous Flux (mlm)
»
CP41B-RDS (4400 - 11000)
»
CP41B-RFS (4400 - 11000)
»
CP41B-RHS (4400 - 13200)
»
CP41B-ADS (4400 - 11000)
»
CP41B-AFS (5500 - 13200)
»
CP41B-AHS (5500 - 13200)
Lead-Free
RoHS Compliant
APPLICATIONS
Channel Letter
Amusement


Similar Part No. - CP41B-RFS-CM0P0EE4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-RFS-CM0P0EE4 MARKTECH-CP41B-RFS-CM0P0EE4 Datasheet
626Kb / 10P
Cree짰 P4 LED
More results

Similar Description - CP41B-RFS-CM0P0EE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
P4 LED
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
P4 LED
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com