Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41B-RHS-CL0Q0EE4 Datasheet(PDF) 8 Page - Cree, Inc

Part # CP41B-RHS-CL0Q0EE4
Description  P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-RHS-CL0Q0EE4 Datasheet(HTML) 8 Page - Cree, Inc

Back Button CP41B-RHS-CL0Q0EE4 Datasheet HTML 2Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 3Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 4Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 5Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 6Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 7Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 8Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 9Page - Cree, Inc CP41B-RHS-CL0Q0EE4 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/4
Format #: COTCO-D-074
REV.3
Document No. SPE/LP377UHR1-70G-01-MT
Rev. No.
00
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Advertising Signs
- Indicators
- Traffic
- Automotive Lighting
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current*2
IF
70
mA
Peak Forward Current*1
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
210
mW
Operation Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 5 sec Max.
(3mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification
(MIL-STD-883E)
ESD
Class II
*1 pulse width <=0.1msec duty <=1/10
*2 Heat sink is recommended to be adequated if the device is operated at ambient temperatures higher than 25 deg C. For long term
performance the drive currents between 10mA and 50mA are recommended. Please contact COTCO sales representative for more
information on recommended drive conditions.
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 70mA
---
2.5
3.0
V
Reverse Current
IR
VR = 5V
---
---
100
µ
A
Dominant Wavelength
λD
IF = 70mA
618
624
630
nm
Luminous Flux
ΦV
IF = 70mA
4400
7500
---
mlm
50% Power Angle
½
IF = 70mA
---
70
---
deg
CP41B-RHS/AHS:
CP41B-RDS/RFS/ADS/AFS:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com