Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK401-050 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK401-050
Description  AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-050 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK401-050 Datasheet HTML 1Page - Sanyo Semicon Device STK401-050 Datasheet HTML 2Page - Sanyo Semicon Device STK401-050 Datasheet HTML 3Page - Sanyo Semicon Device STK401-050 Datasheet HTML 4Page - Sanyo Semicon Device STK401-050 Datasheet HTML 5Page - Sanyo Semicon Device STK401-050 Datasheet HTML 6Page - Sanyo Semicon Device STK401-050 Datasheet HTML 7Page - Sanyo Semicon Device STK401-050 Datasheet HTML 8Page - Sanyo Semicon Device STK401-050 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 4340-2/9
STK400-050
Specifications
Maximum Ratings at Ta = 25°C
Notes
• Use rated power supply for test unless otherwise specified.
• When measuring available time for load short-circuit and output noise voltage use transformer power supply indicated
below.
• Output noise voltage is represented by the peak value rms (VTVM) for mean reading. Use an AC stabilized power
supply (50 Hz) on the primary side to eliminate the effect of AC flicker noise.
Internal Equivalent Circuit
Specified Transformer Power Supply
(RP-25 Equivalent)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±39
V
Thermal resistance
θj-c
Per power transistor
1.8
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature range
Tstg
–30 to +125
°C
Available time for load short-circuit
ts
VCC = ±26 V, RL = 6 Ω, f = 50 Hz, PO = 30 W
1
s
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
VCC =± 31 V
30
90
150
mA
Output power
PO (1)
VCC = ±26 V, f = 20 Hz to 20 kHz, THD = 0.4%
30
35
W
PO (2)
VCC = ±22 V, f = 1 kHz, THD = 1.0%, RL = 3 Ω
30
35
W
Total harmonic distortion
THD (1)
VCC = ±26 V, f = 20 Hz to 20 kHz, PO = 1.0 W
0.4
%
THD (2)
VCC = ±26 V, f = 1 kHz, PO = 5.0 W
0.01
%
Frequency response
fL, fH
VCC = ±26 V, PO = 1.0 W,
dB
20 to 50 k
Hz
Input impedance
ri
VCC = ±26 V, f = 1 kHz, PO = 1.0 W
55
k
Ω
Output noise voltage
VNO
VCC = ±31 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±31 V
–70
0
+70
mV
+0
–3
Operating Characteristics at Ta = 25°C, RL = 6Ω, Rg = 600Ω, VG = 40dB, RL (non-inductive)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com