Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFA9882 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TFA9882
Description  3.4 W I2S input mono class-D audio amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9882 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TFA9882 Datasheet HTML 17Page - NXP Semiconductors TFA9882 Datasheet HTML 18Page - NXP Semiconductors TFA9882 Datasheet HTML 19Page - NXP Semiconductors TFA9882 Datasheet HTML 20Page - NXP Semiconductors TFA9882 Datasheet HTML 21Page - NXP Semiconductors TFA9882 Datasheet HTML 22Page - NXP Semiconductors TFA9882 Datasheet HTML 23Page - NXP Semiconductors TFA9882 Datasheet HTML 24Page - NXP Semiconductors TFA9882 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TFA9882
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 20 April 2011
21 of 31
NXP Semiconductors
TFA9882
3.4 W I2S input mono class-D audio amplifier
(1) Vripple = 0 V (fripple = 0 Hz)
(2) fripple = 217 Hz
(3) fripple = 1 kHz
(4) fripple = 6 kHz
(1) Vripple = 0 V (fripple = 0 Hz)
(2) fripple = 217 Hz
(3) fripple = 1 kHz
(4) fripple = 6 kHz
a. VDDP =3.6 V, RL =4 Ω, LL = 20 μH, Po = 100 mW
Vripple = 200 mV (RMS)
b. VDDP =5V, RL =4 Ω, LL = 20 μH, Po =100 mW
Vripple = 200 mV (RMS)
Fig 14. THD+N + power supply intermodulation distortion as a function of frequency
001aam641
fi (Hz)
10
105
104
102
103
(4)
(3)
(2)
(1)
10−2
10−1
1
10
THD+N+IMD
(%)
10−3
001aam642
fi (Hz)
10
105
104
102
103
(4)
(3)
(2)
(1)
10−2
10−1
1
10
10−3
THD+N+IMD
(%)
(1)
gain = +3 dB
(2)
gain = 0 dB
(3)
gain = −3 dB
VDDP = 3.6 V, RL =4 Ω, LL = 20 μH, Po = 500 mW
(1) VDDP = 3.6 V
(2) VDDP = 5 V
RL =4 Ω, LL = 20 μH, Vripple = 200 mV (RMS)
Fig 15. Normalized gain as a function of frequency
Fig 16. PSRR as a function of ripple frequency
001aan660
fi (Hz)
10
105
104
102
103
0
-2
2
4
G
(dB)
-4
(1)
(3)
(2)
001aam644
−70
−50
−90
−30
−10
PSRR
(dB)
−110
fripple (Hz)
10
105
104
102
103
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com