Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52107ADFN Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F52107ADFN
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52107ADFN Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F52107ADFN Datasheet HTML 45Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 46Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 47Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 48Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 49Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 50Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 51Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 52Page - Renesas Technology Corp R5F52107ADFN Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 49 of 90
Apr 15, 2011
RX210 Group
2. CPU
Under development Preliminary document
Specifications in this document are tentative and subject to change.
2.8.2
Instructions and Pipeline Processing
The operands in the table below indicate the following meaning.
#IMM: Immediate
Rs, Rs2, Rd, Rd2, Ri, Rb: General-purpose register, CR: Control register
dsp: dsp5, dsp8, dsp16, dsp24
pcdsp: pcdsp3, pcdsp8, pcdsp16, pcdsp24
2.8.2.1
Instructions Converted into Single Micro-Operation and Pipeline Processing
The table below lists the instructions that are converted into a single micro-operation. The number of cycles in the table
indicates the number of cycles during no-wait memory access.
Note 1. The number of cycles for the dividing instruction varies according to the divisor and dividend.
Note 2. For the number of cycles for throughput and latency, see section 2.8.3, Calculation of the Instruction Processing Time.
Table 2.13
Instructions that are Converted into a Single Micro-Operation
Instruction
Mnemonic (indicates the common operation when
the size is omitted)
Reference
Figure
Number of
Cycles
Arithmetic/logic instructions
(register-register, immediate-register)
Except EMUL, EMULU, RMPA, DIV,
DIVU and SATR
 {ABS, ADC, ADD, AND, CMP, MAX, MIN, MUL, NEG,
NOP, NOT, OR, ROLC, RORC, ROTL, ROTR, SAT, SBB,
SHAR, SHLL, SHLR, SUB, TST, XOR} “#IMM, Rd”/“Rd”/
“Rs, Rd”/“Rs, Rs2, Rd”
Figure 2.10
1
Arithmetic/logic instructions (division)
 DIV “#IMM, Rd”/“Rs, Rd”
Figure 2.10
3 to 20*1
 DIVU “#IMM, Rd”/“Rs, Rd”
Figure 2.10
2 to 18*1
Data transfer instructions
(register-register, immediate-register)
 {MOV, MOVU, REVL, REVW} “#IMM, Rd”/“Rs, Rd”
 SCCnd “Rd”
 {STNZ, STZ} “#IMM, Rd”
Figure 2.10
1
Transfer instructions (load operation)
 {MOV, MOVU} “[Rs], Rd”/“dsp[Rs], Rd”/“[Rs+], Rd”/
“[-Rs], Rd”/“Rs, [Ri, Rb]”
 POP “Rd”
Figure 2.11
Throughput: 1
Latency: 2*2
Transfer instructions (store operation)
 MOV “Rs, [Rd]”/“Rs, dsp[Rd]”/“Rs, [Rd+]”/“Rs, [-Rd]”/
“Rs, [Ri, Rb]”
 PUSH “Rs”
 PUSHC “CR”
Figure 2.12
1
Bit manipulation instructions (register)
 {BCLR, BNOT, BSET, BTST} “#IMM, Rd”/“Rs, Rd”
 BMCnd “#IMM, Rd”
Figure 2.10
1
Branch instructions
 BCnd “pcdsp”
 {BRA, BSR} “pcdsp”/“Rs”
 {JMP, JSR} “Rs”
Figure 2.20
Branch taken: 3
Branch not
taken: 1
System manipulation instructions
 CLRPSW, SETPSW “#IMM”
 MVTC “#IMM, CR”/“Rs, CR”
 MVFC “CR, Rd”
 MVTIPL“#IMM”
—1
DSP instructions
 {MACHI, MACLO, MULHI, MULLO} “Rs, Rs2”
 {MVFACHI, MVFACMI} “Rd”
 {MVTACHI, MVTACLO} “Rs”
 RACW“#IMM”
Figure 2.10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com