Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562T7BDFM Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F562T7BDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7BDFM Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F562T7BDFM Datasheet HTML 37Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 38Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 39Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 40Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 41 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 8012h
CMT2
Compare match timer control register
CMCR
16
16
2 to 3PCLK*5
0008 8014h
CMT2
Compare match timer counter
CMCNT
16
16
2 to 3PCLK*5
0008 8016h
CMT2
Compare match timer constant register
CMCOR
16
16
2 to 3PCLK*5
0008 8018h
CMT3
Compare match timer control register
CMCR
16
16
2 to 3PCLK*5
0008 801Ah
CMT3
Compare match timer counter
CMCNT
16
16
2 to 3PCLK*5
0008 801Ch
CMT3
Compare match timer constant register
CMCOR
16
16
2 to 3PCLK*5
0008 8028h
WDT
Timer control/status register
TCSR
8
8
2 to 3PCLK*5
0008 8028h
WDT
Write window A register
WINA
16
16
2 to 3PCLK*5
0008 8029h
WDT
Timer counter
TCNT
8
8
2 to 3PCLK*5
0008 802Ah
WDT
Write window B register
WINB
16
16
2 to 3PCLK*5
0008 802Bh
WDT
Reset control/status register
RSTCSR
8
8
2 to 3PCLK*5
0008 8030h
IWDT
IWDT refresh register
IWDTRR
8
8
2 to 3PCLK*5
0008 8032h
IWDT
IWDT control register
IWDTCR
16
16
2 to 3PCLK*5
0008 8034h
IWDT
IWDT status register
IWDTSR
16
16
2 to 3PCLK*5
0008 8040h
ADA
A/D data register A
ADDRA
16
16
2 to 3PCLK*5
0008 8042h
ADA
A/D data register B
ADDRB
16
16
2 to 3PCLK*5
0008 8044h
ADA
A/D data register C
ADDRC
16
16
2 to 3PCLK*5
0008 8046h
ADA
A/D data register D
ADDRD
16
16
2 to 3PCLK*5
0008 8048h
ADA
A/D data register E
ADDRE
16
16
2 to 3PCLK*5
0008 804Ah
ADA
A/D data register F
ADDRF
16
16
2 to 3PCLK*5
0008 804Ch
ADA
A/D data register G
ADDRG
16
16
2 to 3PCLK*5
0008 804Eh
ADA
A/D data register H
ADDRH
16
16
2 to 3PCLK*5
0008 8050h
ADA
A/D control/status register
ADCSR
8
8
2 to 3PCLK*5
0008 8051h
ADA
A/D control register
ADCR
8
8
2 to 3PCLK*5
0008 805Bh
ADA
A/D sampling state register
ADSSTR
8
8
2 to 3PCLK*5
0008 805Dh
ADA
A/D self-diagnostic register
ADDIAGR
8
8
2 to 3PCLK*5
0008 8060h
ADA
A/D data register I
ADDRI
16
16
2 to 3PCLK*5
0008 8062h
ADA
A/D data register J
ADDRJ
16
16
2 to 3PCLK*5
0008 8064h
ADA
A/D data register K
ADDRK
16
16
2 to 3PCLK*5
0008 8066h
ADA
A/D data register L
ADDRL
16
16
2 to 3PCLK*5
0008 8070h
ADA
A/D start trigger select register
ADSTRGR
8
8
2 to 3PCLK*5
0008 8072h
ADA
A/D data placement register
ADDPR
8
8
2 to 3PCLK*5
0008 8240h
SCI0
Serial mode register
SMR*1
8
8
2 to 3PCLK*5
0008 8241h
SCI0
Bit rate register
BRR
8
8
2 to 3PCLK*5
0008 8242h
SCI0
Serial control register
SCR*1
8
8
2 to 3PCLK*5
0008 8243h
SCI0
Transmit data register
TDR
8
8
2 to 3PCLK*5
0008 8244h
SCI0
Serial status register
SSR*1
8
8
2 to 3PCLK*5
0008 8245h
SCI0
Receive data register
RDR
8
8
2 to 3PCLK*5
0008 8246h
SCI0
Smart card mode register
SCMR
8
8
2 to 3PCLK*5
0008 8247h
SCI0
Serial extended mode register
SEMR
8
8
2 to 3PCLK*5
0008 8240h
SMCI0
Serial mode register
SMR
8
8
2 to 3PCLK*5
0008 8241h
SMCI0
Bit rate register
BRR
8
8
2 to 3PCLK*5
0008 8242h
SMCI0
Serial control register
SCR
8
8
2 to 3PCLK*5
0008 8243h
SMCI0
Transmit data register
TDR
8
8
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (8 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com