Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562T6DDFM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F562T6DDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T6DDFM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F562T6DDFM Datasheet HTML 3Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 4Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 5Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 9Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 10Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 7 of 92
Apr 20, 2011
RX62T Group
1. Overview
Note 1. O: Supported,
: Not supported
Note 2.
* For the MTU and GPT, the number of pins will differ with the package. See the list of pins and pin functions for details.
In addition, the CAN module is an optional function.
Table 1.2
Functions of RX62T Group Products
Functions
RX62T Group
Pin number
112 Pin
100 Pin
80 Pin
64 Pin
Data transfer
Data transfer controller (DTC)
O
Interrupt control
unit
(ICU)
Input on the NMI pin
O
Input on the IRQ pins
O (8)
O (4)
Timers
Multi-function timer pulse unit 3 (MTU3)
O
O*
General PWM timer (GPT)
O
O*
Port output enable 3 (POE3)
O (POE pins: 5)
O (POE pins: 3)
Compare match timer (CMT)
O
Watchdog timer (WDT)
O
Independent watchdog timer (IWDT)
O
Communication
function
Serial communications interface (SCI)
O
I2C bus interface (RIIC)
O
CAN module (CAN) (as an optional
function)
O
LIN module (LIN)
O
Serial peripheral interface (RSPI)
O
12-bit A/D converter (S12ADA)
O (4 ch. x 2 units)
Simultaneous sampling on three channels
O (2 units)
Programmable gain amplifier
O (3 ch. x 2 units)
Window comparator
O (3 ch. x 2 units)
10-bit A/D converter (ADA)
O (12 ch.)
O (4 ch.)
¾
CRC calculator (CRC)
O
I/O ports
I/O pins
61
55
44
37
Input pins
21
21
13
9
Package
LQFP2020
(0.65-mm pitch)
LQFP1414
(0.5-mm pitch)
LQFP1414
(0.65-mm pitch)
LQFP1010
(0.5-mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com