Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CMDFD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F2138CMDFD
Description  The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CMDFD Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F2138CMDFD Datasheet HTML 1Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 2Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 3Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 4Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 5Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 6Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 7Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 8Page - Renesas Technology Corp R5F2138CMDFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
R01DS0082EJ0110 Rev.0.10
Page 1 of 55
Mar 04, 2011
R8C/38M Group
RENESAS MCU
Preliminary Datasheet
Specifications in this document are tentative and subject to change.
1.
Overview
1.1
Features
The R8C/38M Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions
for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high
speed. In addition, the CPU core boasts a multiplier for high-speed operation processing.
Power consumption is low, and the supported operating modes allow additional power control. These MCUs are
designed to maximize EMI/EMS performance.
Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of
system components.
The R8C/38M Group has data flash (1 KB × 4 blocks) with the background operation (BGO) function.
1.1.1
Applications
Electronic household appliances, office equipment, audio equipment, consumer equipment, etc.
R01DS0082EJ0110
Rev.0.10
Mar 04, 2011


Similar Part No. - R5F2138CMDFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2138CMDFP RENESAS-R5F2138CMDFP Datasheet
561Kb / 58P
RENESAS MCU
More results

Similar Description - R5F2138CMDFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
551Kb / 58P
The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com