Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA37BUF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA37BUF
Description  ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA37BUF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA37BUF Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0083A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SDA37 __ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Reverse Recovery
UF = Ultra Fast
│
│
│
│
│
│
│
│
│
└ Peak Inverse Voltage (per leg)
A = 100V, B = 200V, C = 300V,
D = 400V, E = 500V, F = 600V,
SDA37AUF thru SDA37FUF
10 AMPS 100 ─ 600 VOLTS
ULTRA FAST RECOVERY
THREE PHASE BRIDGE RECTIFIER
FEATURES:
•
Ultra Fast Reverse Recovery Time 70 ns Max
•
Average Output Current 10 Amps @ 50OC
•
PIV 100 to 600 Volts Per Leg
•
Efficient Thermal Design
•
Glass Passivated Diode Cells
•
Case Electrically Insulated
•
Aluminum Case
•
Available in Hyper Fast Recovery Times
•
Available in Higher Voltages
•
TX, TXV, and S-Level Screening Available
NOTES:
1. For Ordering Information, Price, Outline, Curves, and Availability- Contact Factory.
2. Screening based on MIL-PRF-19500. Screening flows available on request.
3. Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4. Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
SDA37 Package:
ELECTRICAL CHARACTERISTICS3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse4/
Recovery
Time
Average DC Output
Current
TC=Case Temp
Average DC Output
Current
TA= Ambient Temp
(no heat sink)
Peak Forward
Surge Current
(1 Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @
3 ADC
Maximum
Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF (AV)
IF (AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
50oC
100oC
25oC
55oC
25oC
100oC
SDA37AUF
100
70
70
10
7.0
3.0
2.2
75
18
1.35
20
500
SDA37BUF
200
140
70
10
7.0
3.0
2.2
75
18
1.35
20
500
SDA37CUF
300
210
70
10
7.0
3.0
2.2
75
18
1.35
20
500
SDA37DUF
400
280
70
10
7.0
3.0
2.2
75
18
1.35
20
500
SDA37EUF
500
350
70
10
7.0
3.0
2.2
75
18
1.35
20
500
SDA37FUF
600
420
70
10
7.0
3.0
2.2
75
18
1.35
20
500


Similar Part No. - SDA37BUF

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
SDA3-10 AEC-SDA3-10 Datasheet
369Kb / 2P
LED control input indicator
SDA3-10 AEC-SDA3-10 Datasheet
369Kb / 2P
LED control input indicator
SDA3-15 AEC-SDA3-15 Datasheet
369Kb / 2P
LED control input indicator
SDA3-15 AEC-SDA3-15 Datasheet
369Kb / 2P
LED control input indicator
SDA3-20 AEC-SDA3-20 Datasheet
298Kb / 2P
LED control input indicator
More results

Similar Description - SDA37BUF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Solid States Devices, I...
SDA18A SSDI-SDA18A_1 Datasheet
119Kb / 1P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA38AHF SSDI-SDA38AHF Datasheet
147Kb / 1P
HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA41AUF SSDI-SDA41AUF_1 Datasheet
309Kb / 2P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA316A SSDI-SDA316A Datasheet
100Kb / 1P
STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
678 MICROSEMI-678_07 Datasheet
156Kb / 3P
Three Phase Bridge Standard & Fast Recovery
logo
Solid States Devices, I...
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
logo
EIC discrete Semiconduc...
RBV-602L EIC-RBV-602L Datasheet
112Kb / 2P
ULTRA FAST RECOVERY BRIDGE RECTIFIER
Rev. 00 : July 6, 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com