Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA280E Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA280E
Description  FAST RECOVERY CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA280E Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA280E Datasheet HTML 1Page - Solid States Devices, Inc SDA280E Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0050C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SDA280 ___
___
___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Configuration
C = Common Cathode
A = Common Anode
D = Doubler
│
│
│
│
│
│
│
│
│
└
Voltage
D = 400V
E = 600V
F = 800V
G = 1000V
SDA280D
THRU
SDA280G
15 AMPS / 400 – 1000 VOLTS
FAST RECOVERY
CENTERTAP RECTIFIER
Features:
• Average Output Current: 15 Amps
• PIV: 400 to 1000V
• Max Thermal Resistance 5.0 ºC/Watt
• Fast Recovery: 150 / 180 nsec
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Common Cathode, Common Anode, and Doubler
Versions Available. Contact Factory for Part Number.
• Parts with Blade and Hook Terminals Available. Contact
Factory for Part Number.
• TX, TXV, and Space Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse
Voltage
SDA280D
SDA280E
SDA280F
SDA280G
VRRM
VRSM
VR
400
600
800
1000
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 hz Sine Wave, No Heatsink)
TA= 55ºC
TA= 100ºC
Io
15
10
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave, TA = 25ºC, per leg)
IFSM
150
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
5.0
ºC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact
Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Both legs tied together
4/ Per leg
SDA280


Similar Part No. - SDA280E

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA2.5T1 LEIDITECH-SDA2.5T1 Datasheet
259Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Bedford Opto Technology...
SDA20 BOT-SDA20 Datasheet
73Kb / 3P
Optically Coupled Module
logo
Solid States Devices, I...
SDA20000 SSDI-SDA20000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA20000 SSDI-SDA20000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA20000F SSDI-SDA20000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA280E

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHA394A SSDI-SHA394A Datasheet
199Kb / 2P
30AMP 100-200VOLTS HYPER FAST RECOVERY CENTERTAP RECTIFIER
SHA398A SSDI-SHA398A Datasheet
183Kb / 2P
30AMP 100-200VOLTS HYPER FAST RECOVERY CENTERTAP RECTIFIER
SDA380A SSDI-SDA380A_1 Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM_1 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1_1 Datasheet
81Kb / 2P
Ultra Fast Centertap Rectifier
RA0023C SSDI-RA0023C Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
RU0077 SSDI-RU0077 Datasheet
60Kb / 2P
Ultra Fast Recovery Centertap Rectifier
RA0023C SSDI-RA0023C_15 Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
RU0077 SSDI-RU0077_15 Datasheet
60Kb / 2P
Ultra Fast Recovery Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com