Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA172M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA172M
Description  Single Phase Bridge Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA172M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA172M Datasheet HTML 1Page - Solid States Devices, Inc SDA172M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0103A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA172 __
HF
__
│
│
│
│
│
│
│
│
└
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery
HF = Hyper Fast
Family/Voltage
J = 600 V
K = 700 V
L = 800 V
M = 900 V
*For surface mounting add -2 to part number
.
SDA172HF series
30 nsec
1.3 Amp
Single Phase Bridge
Rectifier Assembly
FEATURES:
Reverse Recovery Time: 30 ns Max
Average Output Current: 1.3 Amps
PIV: 600 to 900 Volts
Hermetically Sealed Internal Discretes
Thermal Conductive Epoxy Encapsulated
Surface or Radial Mounting*
Available in Higher Voltages
Available in Ultra Fast, Fast, and Standard
Recovery
Electrical
Characteristics
Peak
Inverse
Voltage
(per leg)
Average DC
Output Current
TC=Case Temp
Reverse
Recovery
Time
Peak Forward
Surge Current
(1 Cycle)
Maximum
Forward
Voltage
(per leg) @ 1.0
ADC
Maximum
Reverse Current
(per leg)
@ PIV
50
ºC
100
ºC
Max
25
ºC
100
ºC
Part Number
Volts
Amps
Amps
ns
Amps
Volts
μA
μA
SDA172J
SDA172J-2
HF
600
1.3
1.0
30
25
1.9
10
200
SDA172K
SDA172K-2
HF
700
1.3
1.0
30
25
1.9
10
200
SDA172L
SDA172L-2
HF
800
1.3
1.0
30
25
1.9
10
200
SDA172M
SDA172M-2
HF
900
1.3
1.0
30
25
1.9
10
200
NOTES:
1/ For ordering information, price, and availability -
contact factory.
2/ Screening based on MIL-PRF-19500. Screening
flows available on request.


Similar Part No. - SDA172M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA173HF SSDI-SDA173HF Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA173J SSDI-SDA173J Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA173K SSDI-SDA173K Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA173L SSDI-SDA173L Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA173M SSDI-SDA173M Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
More results

Similar Description - SDA172M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR Datasheet
55Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Sensitron
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
SDA174HF SSDI-SDA174HF Datasheet
73Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA628 SSDI-SDA628_1 Datasheet
39Kb / 2P
ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0004 SSDI-RA0004 Datasheet
72Kb / 2P
SINGLE PHASE BRIDGE ASSEMBLY
RA0040A SSDI-RA0040A Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0040A SSDI-RA0040A_15 Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com