Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA280F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA280F
Description  FAST RECOVERY CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA280F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA280F Datasheet HTML 1Page - Solid States Devices, Inc SDA280F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0050C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA280D
thru
SDA280G
Electrical Characteristics
Symbol
Value
Units
Instantaneous Forward Voltage Drop
(IF = 5A, TA = 25°C, 300 - 500 µsec pulse)
VF1
1.4
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µsec pulse
minimum)
IR1
5
µA
Reverse Recovery Time
(TA = 25°C, IF = 0.5A, IR = 1.0A, IRR = 0.25A)
SDA280D
SDA280E – SDA280G
tRR
150
180
nsec
Case Outline:
SDA280xD
3
2
1
SDA280xA
3
12
3
2
1
SDA280xC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com