Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA345 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA345
Description  ULTRA FAST RECOVERY HIGH VOLTAGE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA345 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA345 Datasheet HTML 1Page - Solid States Devices, Inc SDA345 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Numbe r/Ordering Information 1/
SDA345
__
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
SDA345
ULTRA FAST RECOVERY
HIGH VOLTAGE ASSEMBLY
Up To 18KV @ 250mA
125KHz Operating Frequency
FEATURES:
• Designed For Use With High Voltage Switching Power Supplies
• Discretes and Assemblies Screened to TX, TXV, or S Level
• High Reverse Transient Energy Capabilities
• Void Free, Hermetically Sealed, Metallurgically Bonded Discretes
• Single Junction Discretes Provide Superior Thermal Properties
Than Designs Using Multi-junction Discretes
• Isolated Aluminum Heat Sink with Special Epoxy Encapsulation
Provides Superior Power Dissipation
• All Internal Devices are Matched & Selected
• Unique Construction Techniques Guarantee 100% Corona Free
Operation
• Consult Factory for Higher Voltages and Currents and Alternate
Bridge Configurations
NOTES:
1/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
6/ IO (MAX), 60Hz, Square Wave, TC = 55
OC.
2/ Resistive Load, 50Hz, Sine Wave, TC=25
OC.
7/ IF = 1 Adc, TC = 25
OC, 300 μs Pulse.
3/ TC=55
OC, 8.3ms Pulse, Allow Junction to Reach Equilibrium Between Pulses.
8/ Rated VR, 60Hz, Square Wave, TC = 100
OC.
4/ TC=55
OC, 8.3ms Pulse, Superimposed on Rated Current at Rated Voltage.
9/ Rated VR, TC = 25
OC.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp,
10/ VR = 100V, TC = 25
OC.
tested on each individual diode before assembly.
MAXIMUM RATINGS
PER LEG
ELECTRICAL CHARACTERISTICS
PER LEG
Rating
1/
Symbol
Value
Unit
Characteristic
1/
Symbol Value
Unit
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
VRM(rep)
Vr
3,000
Volts
Max. Full Cycle Forward Voltage
Drop, Averaged Over Full Cycle 6/
VF
(AV)
2.85
Vdc
RMS Reverse Voltage
Vr
2,100
Volts
Max. Instantaneous Forward
Voltage Drop 7/
VF
5.7
Vdc
Half Wave Rectified Forward Current
Averaged Over Full Cycle 2/
IO
1
Amps
Peak Repetitive Forward Current 3/
IFM(rep)
6
Amps
Max. Full Cycle Leakage Current
Averaged Over Full Cycle 8/
IR
(AV)
100
μAdc
Peak Surge Current 4/
IFM(surge)
25
Amps
Max. Reverse Leakage Current 9/
IR
5
μAdc
Operating & Storage Temperature
TJ, Tstg
-55 to
+125
OC
Max. Junction Capacitance 10/
CJ
4
pf
Reverse Recovery Time 5/
trr
60
ns
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0072A
DOC


Similar Part No. - SDA345

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA345 SSDI-SDA345 Datasheet
197Kb / 2P
ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 10 KV 250 mA
More results

Similar Description - SDA345

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA346 SSDI-SDA346_1 Datasheet
104Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE ASSEMBLY
JANS1N6512 SSDI-JANS1N6512 Datasheet
136Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
DIYI Electronic Technol...
MUR1010 DYELEC-MUR1010 Datasheet
987Kb / 3P
Ultra fast recovery time,high voltage
logo
GETAI ELECTRONICS DEVIC...
HVRA05UF150 GETEDZ-HVRA05UF150 Datasheet
483Kb / 1P
0.5A 15kV 80nS--Ultra Fast Recovery High Voltage Rectifier Assembly
HVRA10UF100 GETEDZ-HVRA10UF100 Datasheet
482Kb / 1P
1.0A 10kV 80nS--Ultra Fast Recovery High Voltage Rectifier Assembly
logo
SiPower Inc.
2CL12 SIPOWER-2CL12 Datasheet
65Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
HVR5510U08 GETEDZ-HVR5510U08_V01 Datasheet
513Kb / 2P
Ultra-Fast Recovery High Voltage Rectifier Assembly
HVR5510U10 GETEDZ-HVR5510U10_V01 Datasheet
512Kb / 2P
Ultra-Fast Recovery High Voltage Rectifier Assembly
HVR5510U12 GETEDZ-HVR5510U12_V01 Datasheet
512Kb / 2P
Ultra-Fast Recovery High Voltage Rectifier Assembly
HVR5510U15 GETEDZ-HVR5510U15_V01 Datasheet
512Kb / 2P
Ultra-Fast Recovery High Voltage Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com