Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA628E Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA628E
Description  ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA628E Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA628E Datasheet HTML 1Page - Solid States Devices, Inc SDA628E Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ø.147±.015
AC
AC
--
CBORE Ø.235±.015
.150±.015 DEEP
.400
±.020
.400
±.020
.750±.015
.300
MAX
.500
MAX
.750
±.015
+
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA628 Series
Electrical Characteristic
3/ 4/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(300 - 500
μsec pulse)
IF = 6A
VF1
––
0.90
0.95
Volts
Reverse Leakage Current
(Rated VR, 300 μsec pulse minimum)
IR1
––
5.0
10
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 μsec pulse minimum)
IR2
––
0.2
0.3
mA
Reverse Recovery Time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
__
35
50
nS
Insulation Leakage
VR = 1000V
(All Terminals to Case) RINS = 100 MΩ
––
––
10
μA
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Rating Applies to the Total Bridge.
3/ Derate Linearly at 0.189 A/ºC for TC > 55ºC.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0053B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com