Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA628F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA628F
Description  ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA628F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA628F Datasheet HTML 1Page - Solid States Devices, Inc SDA628F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDA628 _D_ __ __
⏐
⏐
⏐
⏐
L Terminals
= Turret Terminals
⏐
⏐
L Finish = Aluminum Case
L Voltage
A = 50 V
B = 100 V
C = 150 V
D = 200 V
E = 250 V
F = 300 V
SDA628 Series
22.5 AMPS 300 V
ULTRA FAST
SINGLE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• PIV to 300 V / leg, higher voltages available (consult
factory)
• High Surge Current, 125 Amps
• Ultrafast Recovery 50 nS max, faster recovery time
available consult factory
• Constructed with Void-Free, Hermetically Sealed
Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Electrically Insulated Aluminum Case
• TX and TXV & S Level Screening Available. Contact
Factory.
• Replaces Industry Part Number- 803 Series UF
Bridge Rectifiers
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
A
B
C
D
E
F
VRRM
VRSM
VR
50
100
150
200
250
300
Volts
Average Rectified Forward Current
2/ 3/
(Resistive Load, 60 Hz Sine Wave,)
TC = 55ºC
TC = 100ºC
IO1
IO2
22.5
16
Amps
Peak Surge Current
4/
(8.3 ms Pulse, TC = 25 °C)
IFSM
125
Amps
Operating & Storage Temperature
Maximum Junction Temperature
TOP & TSTG
TJ
-65 to +150
+150
ºC
Maximum Thermal Resistance
2/
(Junction to Case)
RθJC
4
ºC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0053B
DOC


Similar Part No. - SDA628F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA628F SSDI-SDA628F Datasheet
44Kb / 2P
18 AMPS 300 V ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA628F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FBE22-06N1 IXYS-FBE22-06N1 Datasheet
39Kb / 2P
Fast Single Phase Rectifier Bridge
logo
Solid States Devices, I...
SDA628 SSDI-SDA628 Datasheet
44Kb / 2P
18 AMPS 300 V ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA18A SSDI-SDA18A_1 Datasheet
119Kb / 1P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA41AUF SSDI-SDA41AUF_1 Datasheet
309Kb / 2P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA174HF SSDI-SDA174HF Datasheet
73Kb / 2P
Single Phase Bridge Rectifier Assembly
RA0040A SSDI-RA0040A Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0040A SSDI-RA0040A_15 Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0004 SSDI-RA0004_15 Datasheet
72Kb / 2P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
RA0020 SSDI-RA0020_15 Datasheet
58Kb / 2P
ULTRA FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com