Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-21-RSC-T1V1-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-21-RSC-T1V1-2T
Description  TOP View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-RSC-T1V1-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-21-RSC-T1V1-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:57.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 10
Device No. : DSE-671-516
prepared date:18-Apr-2006
Prepared by: Teresa Tee
67-21/RSC-T1V1/2T
Bin Rang Of Luminous Intensity
Bin
Min
Max
Unit
Condition
T1
285
360
T2
360
450
U1
450
565
U2
565
715
V1
715
900
mcd
IF=20mA
Notes:
1.Tolerance of Luminous Intensity ±11%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com