Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4032II Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4032II
Description  AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4032II Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4032II Datasheet HTML 1Page - Sanyo Semicon Device STK4032II Datasheet HTML 2Page - Sanyo Semicon Device STK4032II Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STK4032II
Equivalent Circuit
Application Circuit: 40 W min AF Power Amplifier
No. 4547-2/3
Specified Transformer Power Supply
(RP-25 equivalent)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com