Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDAH5000F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDAH5000F
Description  FAST RECOVERY RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAH5000F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDAH5000F Datasheet HTML 1Page - Solid States Devices, Inc SDAH5000F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0099A
DOC
ELECTRICAL CHARACTERISTICS 3/
SYMBOL MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(IF = 1A, 300 - 500μs Pulse)
SDAH2500F
SDAH5000F
SDAH7500F
SDAH10000F
SDAH12500F
SDAH15000F
SDAH20000F
SDAH25000F
VF1
5.2
9.0
14.5
18.0
22.5
29.0
36.0
45.0
Vdc
Reverse Leakage Current
(Rated VR, 300μs Pulse Minimum)
IR1
1
μA
Reverse Leakage Current
(Rated VR, , TA = 100°C, 300μs Pulse Minimum)
IR2
20
mA
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA)
trr
150
ns
CASE OUTLINE: HV STICK
PART NUMBER
A
±.030
B
±.020
C
±.010
SDAH2500F
1.125
0.500
0.250
SDAH5000F
1.125
0.500
0.250
SDAH7500F
1.625
0.500
0.250
SDAH10000F
2.000
0.500
0.250
SDAH12500F
2.375
0.500
0.250
SDAH15000F
2.750
0.500
0.250
SDAH20000F
3.500
0.500
0.250
SDAH25000F
4.250
0.500
0.250
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDAH2500F
thru
SDAH25000F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com