Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDH20F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDH20F
Description  FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDH20F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDH20F Datasheet HTML 1Page - Solid States Devices, Inc SDH20F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0058D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDH __ F
__ __
⏐
⏐
⏐
⏐
L
Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L
Package
___ = Axial
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Recovery Time
F = Fast Recovery
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L Voltage
20 = 2000 V
25 = 2500 V
30 = 3000 V
40 = 4000 V
50 = 5000 V
60 = 6000 V
SDH20F & FSMS
thru
SDH60F & FSMS
1-1.5 AMP
2000-6000 VOLTS
FAST RECOVERY
HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Fast Recovery: 180 nsec Maximum
•
PIV to 6000 Volts
•
Hermetically Sealed Axial and Surface Mount
Package
•
Void-Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
Replacement for 1N6512 thru 1N6518 and
1N6520 thru 1N6526 in Many Applications
•
TX, TXV, and Space Level Screening Available
2/
•
Available in Ultra Fast and Hyper Fast Versions.
Contact Factory.
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse
Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR
VF
IFSM
tRR
CJ
θJE
θJL
Units
A
μA
Volts
Amps
nsec
pF
°C/W
Conditions
Volts
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L =
3/8”
SDH20F
2000
1.5
1.0
1.0
15
6.0
60
180
10
4
8
SDH25F
2500
1.5
1.0
1.0
15
6.0
60
180
10
4
8
SDH30F
3000
1.5
1.0
1.0
15
6.0
60
180
10
4
8
SDH40F
4000
1.0
0.5
1.0
15
9.5
40
180
8
4
8
SDH50F
5000
1.0
0.5
1.0
15
9.5
40
180
8
4
8
SDH60F
6000
1.0
0.5
1.0
15
9.5
40
180
8
4
8
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or
immersion in a suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of
300µsec minimum.
5/ Max. Lead/End Tab temp. for soldering is 250°C, 3/8” from case for 5 sec
maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=.25A, TA=25°C.
Axial
Surface Mount
Square Tab


Similar Part No. - SDH20F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDH20F ETC1-SDH20F Datasheet
55Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH20F SSDI-SDH20F Datasheet
43Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
List of Unclassifed Man...
SDH20FSMS ETC1-SDH20FSMS Datasheet
55Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH20FSMS SSDI-SDH20FSMS Datasheet
43Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDH20F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04 FRONTIER-FV5M-04 Datasheet
116Kb / 1P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com