Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR60U080 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR60U080
Description  Low VF Ultra Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR60U080 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR60U080 Datasheet HTML 1Page - Solid States Devices, Inc SDR60U080 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0144A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR60
__
__ __
__
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└
Package Type
N = TO-258
P = TO-259
│
│
│
│
│
│
│
│
└
Voltage/Family
080 = 800V
090 = 900V
100 = 1000V
110 = 1100V
120 = 1200V
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Recovery Time
U = Ultra Fast
SDR60U080N thru SDR60U120N
and
SDR60U080P thru SDR60U120P
60 AMP
Low VF
Ultra Fast Recovery
Rectifier
800 -1200 Volts
50 nsec
Features:
• Ultra Fast Recovery: 45 nsec typical
• High Surge Rating
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach available
• Ultrasonic Aluminum Wire Bonds
• Ceramic Seals for improved hermeticity available
• TX, TXV, Space Level Screening Available Consult
Factory.
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR60U080
SDR60U090
SDR60U100
SDR60U110
SDR60U120
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
3/4/
Io
60
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Allow Junction to Reach Equilibrium
Between Pulses, TA = 25ºC)
3/4/
IFSM
500
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to End Tab
3/
RθJE
0.75
ºC/W
TO-258 (N)
TO-259 (P)
1/ For ordering information, price, operating curves, and availability - Contact
factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Pins 2 & 3 connected.
4/ Limited by wirebonding


Similar Part No. - SDR60U080

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR60U080 SSDI-SDR60U080 Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
SDR60U080CT SSDI-SDR60U080CT Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
More results

Similar Description - SDR60U080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR60U080CT SSDI-SDR60U080CT Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0145B SSDI-RC0145B Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
RC0145B SSDI-RC0145B_15 Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
logo
Dongguan City Niuhang E...
RYBS3006L NIUHANG-RYBS3006L Datasheet
414Kb / 3P
FAST RECOVERY LOW VF BRIDGE
RYBS4006L NIUHANG-RYBS4006L Datasheet
325Kb / 2P
FAST RECOVERY LOW VF BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com