Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR621 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR621
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR621 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR621 Datasheet HTML 1Page - Solid States Devices, Inc SDR621 Datasheet HTML 2Page - Solid States Devices, Inc SDR621 Datasheet HTML 3Page - Solid States Devices, Inc SDR621 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS 1/
Symbol
Minimum
Maximum
Unit
Instantaneous Forward Voltage Drop
300 – 500 μs Pulse
IF= 10A
IF= 20A
VF1
VF2
1.2
1.5
VDC
Instantaneous Forward Voltage Drop
IF= 10 A, 300 – 500 μs Pulse
TA= 100ºC
TA= -55ºC
VF3
VF4
1.15
1.25
VDC
Reverse Leakage Current
Rated VR, 300 μs Pulse min.
TA= 25ºC
TC= 100ºC
IR1
IR2
10
1.0
μA
mA
Junction Capacitance
VR= 10 VDC, f= 1 MHz
CJ
225
pF
Reverse Recovery Time
IF= 0.5 A, IR= 1.0 A, IRR= 0.25 A
tRR
35
nsec
NOTES:
1/ Unless Otherwise Specified, All Electrical Characteristics @ 25ºC
2/ For information on curves, contact the Factory Representative for Engineering Assistance.
PACKAGE OUTLINE: TO-59 2 PIN
PIN OUT:
PIN 1: ANODE
PIN 3: CATHODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR620/59
SDR621/59
SDR622/59
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117B
DOC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com