Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR622 Datasheet(PDF) 4 Page - Solid States Devices, Inc

Part # SDR622
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR622 Datasheet(HTML) 4 Page - Solid States Devices, Inc

  SDR622 Datasheet HTML 1Page - Solid States Devices, Inc SDR622 Datasheet HTML 2Page - Solid States Devices, Inc SDR622 Datasheet HTML 3Page - Solid States Devices, Inc SDR622 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOLID STATE DEVICES INC.
14701 Firestone, La Mirada, Ca 90638
Data Sheet # RC0117
ECO #
REV
DATE
DESCRIPTION
APPROVAL
----
A
12/04/07 Initial release.
BEG
E-100386
B
07/01/10 IFSM = 200A; RJC= 1.5ºC/W, VF1= 1.2V, VF2= 1.5V, VF3= 1.15V
IB
Q312rD
REVISIONS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117B
DOC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com