Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR622CT Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR622CT
Description  COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR622CT Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR622CT Datasheet HTML 1Page - Solid States Devices, Inc SDR622CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Hyper Fast Recovery: 35nsec Maximum
• Isolated low profilepackage
• Ceramic Feed Thrus
• Eutectic Die Attach Available
• Hermetically Sealed
• Low Reverse Leakage
• TX, TXV, and Space Level Screening Available.
SDR620CT/CAP6
THRU
SDR622CT/CAP6
80 AMP
100-200 Volts
35nsec
COMMON ANODE & CATHODE
HYPERFAST CENTERTAP
RECTIFIER
6 PIN TO-259
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
3/
SDR620CT/CAP6
SDR621CT/CAP6
SDR622CT/CAP6
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
80
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25ºC)
1/
IFSM
500
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case,
2/
RθJL
1.2
0.65
ºC/W
1/ Each pair of diodes
2/ All legs connected together
3/ 250V class available
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0015B
DOC


Similar Part No. - SDR622CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR622CT SSDI-SDR622CT Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR622CT SSDI-SDR622CT Datasheet
40Kb / 2P
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR622CT/CAP6 SSDI-SDR622CT/CAP6 Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR622CT/CAP6 SSDI-SDR622CT/CAP6 Datasheet
40Kb / 2P
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR622CTJ SSDI-SDR622CTJ Datasheet
37Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results

Similar Description - SDR622CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR623CT SSDI-SDR623CT Datasheet
229Kb / 2P
40 AMPS 300-500 VOLTS 35 nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR623CT-CA SSDI-SDR623CT-CA Datasheet
61Kb / 2P
40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier
SPD623CT SSDI-SPD623CT Datasheet
229Kb / 2P
40JAMP 300-500VOLTS 35nsec COMMON ANODE& CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT_1 Datasheet
40Kb / 2P
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
RU0115 SSDI-RU0115 Datasheet
32Kb / 2P
ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
RH0129 SSDI-RH0129_15 Datasheet
210Kb / 2P
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
RH0133 SSDI-RH0133_15 Datasheet
214Kb / 2P
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
RU0115 SSDI-RU0115_15 Datasheet
32Kb / 2P
ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
1N6657 SSDI-1N6657 Datasheet
235Kb / 2P
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
logo
Nihon Inter Electronics...
PE1508N NIEC-PE1508N Datasheet
189Kb / 3P
Cathode & Anode Common
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com