Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR622 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR622
Description  HYPER FAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR622 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR622 Datasheet HTML 1Page - Solid States Devices, Inc SDR622 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0027F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR62 __ __ __ __ __
└ Screening
2/
__
TX
TXV
S
= Not Screened
= TX Level
= TXV Level
= S Level
│
│
│
│
│
└ Lead Options
__= Straight Leads
DB = Down Bent
UB = Up Bent
│
│
│
│
│
│
│
│
└ Package M = TO-254
Z = TO-254Z
│
│
│
│
│
│
│
│
│
│
│
└ Configuration CT = Common Cathode
CA = Common Anode
D = Doubler
DR = Doubler Reverse
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Family/Voltage
0 = 100V
1 = 150V
2 = 200V
SDR620CTM&Z
thru
SDR622CTM&Z
40 AMP, 100 - 200 VOLTS
35 nsec HYPER FAST
CENTERTAP RECTIFIER
FEATURES:
• Replaces 1N6657, 1N6658, 1N6659
Devices
• Hyper Fast Recovery: 35 ns Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bonds
• TX, TXV, or Space Level Screening
Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR620
SDR621
SDR622
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave, TC= 100ºC)
IO
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25ºC, per leg)
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case, each individual diode
Junction to Case 4/
RθJC
2.0
1.2
ºC/W
NOTES:
1/ For ordering Information, Price, and Availability, Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ Higher voltages available.
4/ Both Legs Tied Together.
TO-254
TO-254Z


Similar Part No. - SDR622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR622 SSDI-SDR622 Datasheet
155Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
SDR622-28 SSDI-SDR622-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR62259 SSDI-SDR62259 Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR62259S SSDI-SDR62259S Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SDR622

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR623CTJ SSDI-SDR623CTJ_1 Datasheet
79Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR9103CTN SSDI-SDR9103CTN_1 Datasheet
161Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR60010HCT SSDI-SDR60010HCT Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
RH0049 SSDI-RH0049 Datasheet
81Kb / 2P
Hyper Fast Centertap Rectifier
RH0055 SSDI-RH0055 Datasheet
49Kb / 2P
Hyper Fast Centertap Rectifier
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
RH0123 SSDI-RH0123 Datasheet
56Kb / 2P
Hyper Fast Centertap Rectifier
RH0073 SSDI-RH0073_15 Datasheet
321Kb / 2P
Hyper Fast Centertap Rectifier
RH0243 SSDI-RH0243_15 Datasheet
236Kb / 2P
Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com