Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR953Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR953Z
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR953Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR953Z Datasheet HTML 1Page - Solid States Devices, Inc SDR953Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR953M & Z
Thru
SDR956M & Z
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
4/
(IF = 25A, Pulse)
(IF = 50A, Pulse)
TA = 25 ºC
TA = 25 ºC
VF1
VF2
1.30
1.65
VDC
Instantaneous Forward Voltage Drop
4/
(IF = 25Adc, Pulse)
TA = -55 ºC
TA = 100 ºC
VF3
VF4
1.4
1.2
VDC
Reverse Leakage Current
TA = 25 ºC, Rated VR , Pulse
TA = 100 ºC, 80% Rated VR, Pulse
IR1
IR2
200
10
μA
m
Α
Reverse Recovery Time
(I
F =.5 Amp, IR = 1A, IRR = .25A)
TA = 25 ºC
tRR
35
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
250
pF
Figure 1- Optional Lead Bends
PIN ASSIGNMENT (TO-254 and TO-254Z Packages)
Code
FUNCTION
Pin 1
Pin 2
Pin 3
Cathode
Anode
Anode
Suffix DB
Suffix UB
TO-254 (Suffix M) Outline:
TO-254Z (Suffix Z) Outline:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0029G
DOC
.190
.150
.190
.150
.170
MIN
.170
MIN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com