Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6005 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR6005
Description  Ultrafast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6005 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR6005 Datasheet HTML 1Page - Solid States Devices, Inc SDR6005 Datasheet HTML 2Page - Solid States Devices, Inc SDR6005 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR60 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/
_ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
│
│
└ Package
M = TO-254
Z = TO-254Z
N = TO-258
P = TO-259
│
│
│
└ Configuration n/a (single diode)
└ Voltage
04 = 400 V
05 = 500 V
06 = 600 V
SDR6006 series
60Apk 60nsec
400 to 600 V
Ultrafast Rectifier
Features:
• Ultrafast Recovery: 100nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed, Isolated Package
providing enhanced thermal performance
• Eutectic Die Attach
• TX, TXV, and S Level Screening iaw MIL-
PRF-19500 Available
• hyperfast version available (typ 30 ns)
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR6004
SDR6005
SDR6006
VRRM
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC = 100 °C)
Io
60
Amps, pk
Continuous Rectified Forward Current
(TC = 25 °C; limited by construction)
IF
45
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, 1 pulse)
IFSM
500
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.0
(0.7 typ)
ºC/W
TO-254 (M)
TO-254Z (Z)
TO-258
TO-259
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0121A
DOC


Similar Part No. - SDR6005

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6005HFNS SSDI-SDR6005HFNS Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6005HFNTX SSDI-SDR6005HFNTX Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6005HFNTXV SSDI-SDR6005HFNTXV Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6005HFPS SSDI-SDR6005HFPS Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6005HFPTX SSDI-SDR6005HFPTX Datasheet
167Kb / 2P
60A 35nsec 400 to 600 V Hyper Fast Rectifier
More results

Similar Description - SDR6005

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com