Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1992 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1992
Description  1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1992 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1992 Datasheet HTML 9Page - Maxim Integrated Products DS1992 Datasheet HTML 10Page - Maxim Integrated Products DS1992 Datasheet HTML 11Page - Maxim Integrated Products DS1992 Datasheet HTML 12Page - Maxim Integrated Products DS1992 Datasheet HTML 13Page - Maxim Integrated Products DS1992 Datasheet HTML 14Page - Maxim Integrated Products DS1992 Datasheet HTML 15Page - Maxim Integrated Products DS1992 Datasheet HTML 16Page - Maxim Integrated Products DS1992 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS1992/DS1993
13 of 17
Figure 10. INITIALIZATION PROCEDURE RESET AND PRESENCE PULSE
RESISTOR
MASTER
DS199x
MASTER RX "PRESENCE PULSE"
480 µs ≤ t
RSTL < ∞*
480 µs ≤ t
RSTH < ∞**
15 µs ≤ t
PDH < 60 µs
60 ≤ t
PDL < 240 µs
MASTER TX
"RESET PULSE"
V
PULLUP
V
PULLUP MIN
VIH MIN
V
IL MAX
0V
tRSTH
tRSTL
t
PDH
tPDL
t
R
* In order not to mask interrup signaling
by other devices on the 10Wire bus tRSTL
+ tR should always be less than 960 us
** Includes recovery time
READ/WRITE TIME SLOTS
The definitions of write and read time slots are illustrated in Figure 11. The master driving the data line
low initiates all time slots. The falling edge of the data line synchronizes the DS199x to the master by
triggering a delay circuit in the DS199x. During write time slots, the delay circuit determines when the
DS199x samples the data line. For a read data time slot, if a 0 is to be transmitted, the delay circuit
determines how long the DS199x holds the data line low overriding the 1 generated by the master. If the
data bit is a 1, the iButton leaves the read data time slot unchanged.
Figure 11. READ/WRITE TIMING DIAGRAM
Write-One Time Slot
15µs
60µs
DS199x
Sampling Window
VPULLUP
V
PULLUP MIN
VIH MIN
VIL MAX
0V
t
SLOT
t
REC
t
LOW1
60 µs ≤ t
SLOT < 120 µs
1 µs ≤ t
LOW1 < 15 µs
1 µs ≤ t
REC < ∞
RESISTOR
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com