Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR75010 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR75010
Description  ULTRAFAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR75010 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR75010 Datasheet HTML 1Page - Solid States Devices, Inc SDR75010 Datasheet HTML 2Page - Solid States Devices, Inc SDR75010 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0148B
DOC
Electrical Characteristic
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 – 500 µsec Pulse)
IF = 20 A
IF = 50 A
IF = 80 A
VF1
VF2
VF3
0.80
0.84
0.88
0.95
0.98
1.10
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300 – 500 µsec Pulse)
IF = 20 A
IF = 50 A
IF = 80 A
VF4
VF5
VF6
0.90
0.95
0.98
1.1
1.15
1.2
VDC
Instantaneous Forward Voltage Drop
(TA = 125ºC, 300 – 500 µsec Pulse)
IF = 20 A
IF = 50 A
IF = 80 A
VF7
VF8
VF9
0.64
0.70
0.74
0.80
0.86
0.90
VDC
Reverse Leakage Current
(100% of rated VR, 300 µs pulse min.)
TA = 25ºC
TA = 100ºC
TA = 125ºC
TA = 150ºC
IR1
IR2
IR3
IR4
0.3
5
20
75
25
-
250
-
µA
Reverse Recovery Time
(IF = 0.5 A, IR = 1 A, IRR = 0.25 A, TA = 25ºC)
tRR1
45
50
nsec
Reverse Recovery Time
(IF = 10 A, dIF/dt = 100 A/us)
TA = 25ºC
tRR2
IRM2
45
3.5
-
-
nsec
A
Junction Capacitance
(TA = 25ºC, f = 1 MHz)
VR = 5 VDC
VR = 10 VDC
CJ
970
760
-
900
pF
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR75010U
thru
SDR75020U



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com