Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4038II Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4038II
Description  AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4038II Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4038II Datasheet HTML 1Page - Sanyo Semicon Device STK4038II Datasheet HTML 2Page - Sanyo Semicon Device STK4038II Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Hybrid IC
Ordering number : EN4546A
N3096HA (OT)/83093YO 5-2308 No. 4546-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
AF Power Amplifier (Split Power Supply)
(60 W min, THD = 0.4%)
STK4038 II
Features
• Compact packaging supports slimmer set designs
• Series designed for 20 up to 200 W and pin-
compatibility
• Simpler heat sink design facilitates thermal design of
slim stereo sets
• The pulse noises associated with turning the power on
and off have been reduced by the adoption of fixed
current circuits
• Supports addition of electronic circuits for thermal
shutdown and load-short protection circuit as well as
pop noise muting which occurs when the power
supply switch is turned on and off
Package Dimensions
unit: mm
4033
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
Maximum supply voltage
VCC max
±57
V
Thermal resistance
θj-c
1.4
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
–30 to +125
°C
Available time for load shorted
tS*1VCC = ±38 V, RL = 8 Ω, f = 50 Hz, PO = 60 W
2
s
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
Recommended supply voltage
VCC
±38
V
Load resistance
RL
8
Ω
Operating Characteristics at Ta = 25°C, VCC = ±38 V, RL = 8 Ω, VG = 40 dB, Rg = 600 Ω, RL (non-inductive)
Rating
Parameter
Symbol
Condition
min
typ
max
Unit
Quiescent current
ICCO
VCC = ±45.5 V
10
20
50
mA
Output power
PO (1)
THD = 0.4%, f = 20 Hz to 20 kHz
60
W
PO (2)
VCC = ±32.5 V, THD = 1.0%, RL = 4 Ω, f = 1 kHz
60
W
Total harmonic distortion
THD
PO = 1.0 W, f = 1kHz
0.3
%
Frequency response
fL, fH
PO = 1.0 W,
+0 dB
20 to 50k
Hz
–3
Input resistance
ri
PO = 1.0 W, f = 1kHz
55
k
Ω
Output noise voltage
VNO *2VCC = ±45.5 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±45.5 V
–70
0
+70
mV
Note: Use rated power supply for test unless otherwise specified.
1. Use the transformer power supply shown on the next page when measuring the available time for load shorted and the output noise voltage.
2. Output noise voltage represents the peak value on the rms scale (VTVM). The noise voltage waveform does not include the pulse noise.
[STK4038II]


Similar Part No. - STK4038II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4038II ETC1-STK4038II Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results

Similar Description - STK4038II

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK4024II SANYO-STK4024II Datasheet
103Kb / 4P
AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.4%)?
STK4026II SANYO-STK4026II Datasheet
110Kb / 4P
AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.4%)???
STK4028II SANYO-STK4028II Datasheet
113Kb / 4P
AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.4%)???
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4042II SANYO-STK4042II Datasheet
48Kb / 3P
AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.4%)?
STK4044II SANYO-STK4044II Datasheet
63Kb / 3P
AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.4%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com