Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF25P20 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF25P20
Description  typical P-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF25P20 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF25P20 Datasheet HTML 1Page - Solid States Devices, Inc SFF25P20 Datasheet HTML 2Page - Solid States Devices, Inc SFF25P20 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0009B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF25P20
series
Electrical Characteristics (@25oC, unless otherwise specified)
Symbol
Min
Typ Max
Units
Drain to Source Breakdown Voltage
VGS = 0V, ID = 250μA
BVDSS
200
––
––
V
Drain to Source On State Resistance
VGS = 10V, ID = 12A, Tj= 25
oC
VGS = 10V, ID = 25A, Tj= 25
oC
RDS(on)
––
––
125
150
150
––
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 250μA
VGS(th)
3.0
––
5.0
V
Gate to Source Leakage
VGS = ±20V
IGSS
––
––
±100
nA
Zero Gate Voltage Drain Current
VDS = 160V, VGS = 0V, Tj = 25
oC
VDS = 160V, VGS = 0V, Tj = 125
oC
IDSS
––
––
––
––
25
1
μA
mA
Forward Transconductance
VDS = 10V, ID = 24A, Tj = 25
oC
gfs
5
12
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
VDS = 100V
ID = 12A
Qg
Qgs
Qgd
––
––
––
150
35
70
––
––
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = 10V
VDS = 100V
ID = 12A
RG = 4.7Ω
td(on)
tr
td(off)
tf
––
––
––
––
35
30
70
30
––
––
––
––
nsec
Diode Forward Voltage
IF = 25A, VGS = 0V
VSD
––
2.0
3.0
V
Diode Reverse Recovery Time
Peak Reverse Recovery Current
Reverse Recovery Charge
IF = 24A, di/dt = 100A/usec
trr
––
250
––
nsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
4200
850
350
––
––
––
pF
NOTES: Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com