Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SER30KB40 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SER30KB40
Description  ULTRAFAST POWER SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SER30KB40 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SER30KB40 Datasheet HTML 1Page - Solid States Devices, Inc SER30KB40 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0128D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SER30 __ 60 __
L
Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Voltage
L Configuration
KB = without lead
KE = with lead
SER30KB60 / SER30KE60
Series
30 AMP 300-600 VOLT
ULTRAFAST POWER
SURFACE MOUNT RECTIFIER
FEATURES:
 Low Reverse Leakage
 Low Forward Voltage Drop
 Hermetically Sealed Power Surface Mount
Package
TX, TXV, and Space Level Screening
Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SER30KE30, SER30KB30
SER30KE40, SER30KB40
SER30KE50, SER30KB50
SER30KE60, SER30KB60
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
400
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +200
oC
Maximum Thermal Resistance
Junction to Case
RJC
1.2
oC/W
CASE OUTLINE: KB60 Series
CASE OUTLINE: KE60 Series


Similar Part No. - SER30KB40

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60 Datasheet
44Kb / 2P
30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB60S SSDI-SER30KB60S Datasheet
44Kb / 2P
30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB60TX SSDI-SER30KB60TX Datasheet
44Kb / 2P
30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
SER30KB60TXV SSDI-SER30KB60TXV Datasheet
44Kb / 2P
30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results

Similar Description - SER30KB40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA160T3 ONSEMI-MURA160T3 Datasheet
39Kb / 4P
Surface Mount Ultrafast Power Rectifier
January, 2003 - Rev. 3
MURA260T3 ONSEMI-MURA260T3 Datasheet
48Kb / 4P
Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
logo
Solid States Devices, I...
RC0128D SSDI-RC0128D_15 Datasheet
49Kb / 2P
ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
MURA160T3G ONSEMI-MURA160T3G_12 Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 6
MURA260T3G ONSEMI-MURA260T3G_12 Datasheet
129Kb / 5P
Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 4
NHP120SF ONSEMI-NHP120SF Datasheet
70Kb / 5P
Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 0
NHP220SF ONSEMI-NHP220SF Datasheet
70Kb / 5P
Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 2
MURA160 ONSEMI-MURA160 Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifier
October, 2016 ??Rev. 7
NHPAF320 ONSEMI-NHPAF320_16 Datasheet
67Kb / 5P
Surface Mount Ultrafast Power Rectifier
November, 2016 ??Rev. 1
NHP260SF ONSEMI-NHP260SF Datasheet
145Kb / 6P
Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com