Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF60P05M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF60P05M
Description  P-Channel POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF60P05M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF60P05M Datasheet HTML 1Page - Solid States Devices, Inc SFF60P05M Datasheet HTML 2Page - Solid States Devices, Inc SFF60P05M Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FP0045E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4470 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF60P05 __ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Option
__ = Straight Leads
DB = Down Bend
UB = Up Bend
Package 3/
M = TO-254
Z = TO-254Z
SFF60P05M
SFF60P05Z
-60 AMP/-50 Volts
25 m
 typical
P-Channel
POWER MOSFET
Features:
Rugged Construction with Poly Silicon Gate
Low RDS(on) and High Transconductance
Excellent High Temperature Stability
Very Fast Switching Speed
Fast Recovery and Superior dv/dt Performance
Increased Reverse Energy Capability
Low Input and Transfer Capacitance for Easy
Paralleling
Hermetically Sealed
TX, TXV, and Space Level Screening Available.
Consult Factory.
Maximum Ratings4/
Symbol
Value
Units
Drain - Source Voltage
VDS
-50
V
Gate – Source Voltage
VGS
+20
V
Continuous Drain Current
ID
-60
A
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Thermal Resistance, Junction to Case
RJC
0.8
ºC/W
Total Device Power Dissipation
TC = 25ºC
TC = -55ºC
PD
156
118
Watts
NOTES:
TO-254 (M)
TO-254Z (Z)
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Maximum current limited by package configuration.
4/ Unless otherwise specified, all electrical characteristics @25
oC.


Similar Part No. - SFF60P05M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF60P05M SSDI-SFF60P05M Datasheet
49Kb / 2P
-60 AMP/-50 Volts 33 mW P-Channel POWER MOSFET
More results

Similar Description - SFF60P05M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com