Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF250Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF250Z
Description  N-Channel POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF250Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF250Z Datasheet HTML 1Page - Solid States Devices, Inc SFF250Z Datasheet HTML 2Page - Solid States Devices, Inc SFF250Z Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00049E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF250M
SFF250Z
Electrical Characteristics @ TJ = 25ºC
(Unless Otherwise Specified)
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS= 0 V, ID= 250
μA
BVDSS
200
––
––
V
Drain to Source On State Resistance
(VGS= 10 V, ID= 18 A
RDS(on)
––
0.06
0.085
Ω
Gate Threshold Voltage
(VDS= VGS, ID= 250
μA
VGS(th)
2
3
5
V
Forward Transconductance
(VDS≥ IN(on) X RDS(on) Max, ID= 18 A
gfs
10
17
––
mho
Zero Gate Voltage Drain Current
(VDS= 200 V, VGS= 0 V)
(VDS= 200 V, VGS= 0 V, TA= 125ºC)
IDSS
––
––
––
––
25
250
μA
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At rated VGS
IGSS
––
––
––
––
+100
-100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS=10 V
VDS= 100 V
ID= 30 A
Qg
Qgs
Qgd
––
––
––
70
18
35
120
25
65
nC
Turn on Delay Time
Rise Time
Turn on Delay Time
Fall Time
VDD= 100 V
ID= 15 A
RG= 6.2Ω
td(on)
tr
td(off)
tf
––
––
––
––
29
35
75
35
30
180
100
120
nsec
Diode Forward Voltage
(IS= 30 A, VGS= 0 V, TJ= 25ºC)
VSD
––
––
1.1
1.5
V
Diode Reverse Recovery Time
Reverse Recovery Charge
TJ= 25ºC
IF= 10 A
di/dt= 100 A/
μsec
trr
QRR
––
––
150
2.0
630
8
nsec
μC
Input Capacitance
Input Capacitance
Reverse Transfer Capacitance
VGS= 0 Volts
VDS= 25 Volts
f= 1 MHz
Ciss
Coss
Crss
––
––
––
4200
650
120
––
––
––
pF
For thermal derating curves and other characteristics please contact SSDI Marketing Department.
Available Part Numbers:
SFF250M; SFF250MDB; SFF250MUB;
SFF250Z; SFF250ZDB; SFF250ZUB;
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com