Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLGE19TPF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLGE19TPF
Description  Panel Circuit Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLGE19TPF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLGE19TPF Datasheet HTML 1Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 2Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 3Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 4Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 5Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 6Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 7Page - Toshiba Semiconductor TLGE19TPF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL(PGE,FGE,GE,PYE)19TP(F)
2009-12-04
3
Electrical and Optical Characteristics (Ta = 25°C)
Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse
Current
IR
λd
λP
Δλ
Product Name
Min
Typ.
Max
Typ.
Typ.
IF
Min
Typ.
IF
Min
Typ.
IF
Max
IF
TLPGE19TP(F)
-
558
564
562
14
20
153
500
20
2.1
2.4
20
50
4
TLFGE19TP(F)
559
565
570
568
15
20
272
800
20
2.0
2.4
20
50
4
TLGE19TP(F)
565
571
576
574
17
20
476
1300
20
2.0
2.4
20
50
4
TLPYE19TP(F)
574
580
586
583
14
20
476
2000
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com