Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLOE20TP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLOE20TP
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOE20TP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLOE20TP Datasheet HTML 1Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 2Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 3Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 4Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 5Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 6Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 7Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 8Page - Toshiba Semiconductor TLOE20TP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL(RE,RME,SE,OE,YE)20TP(F)
2009-11-26
2
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA) (Note 1)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE20TP(F)
50
4
120
TLRME20TP(F)
50
4
120
TLSE20TP(F)
50
4
120
TLOE20TP(F)
50
4
120
TLYE20TP(F)
50
4
120
−40 to 100
−40 to 120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
40
0
120
60
0
40
80
20
20
60
80
100
Ambient temperature Ta (°C)
IF – Ta



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com