Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH30TPF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH30TPF
Description  Panel Circuit Indicators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH30TPF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH30TPF Datasheet HTML 1Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 2Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 3Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 4Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 5Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 6Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 7Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 8Page - Toshiba Semiconductor TLRH30TPF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL(RH,RMH,SH,OH,YH)30TP(F)
2009-03-09
1
TOSHIBA InGaAℓP LED
TLRH30TP(F),TLRMH30TP(F),TLSH30TP(F)
TLOH30TP(F),TLYH30TP(F)
Panel Circuit Indicators
• φ5mm package
• InGaAℓP technology
• Transparent lens
• Lineup: three colors (red, orange, yellow)
• High intensity light emission
• Excellent low current light output
• Applications: Various types of information panels, backlightings, etc.
• Stopper lead type is also available.
TLRH30T(F), TLRMH30T(F), TLSH30T(F), TLOH30T(F),
TLYH30T(F)
Lineup
Product Name
Color
Material
TLRH30TP(F)
Red
TLRMH30TP(F)
Red
TLSH30TP(F)
Red
TLOH30TP(F)
Orange
TLYH30TP(F)
Yellow
P
InGaAl
Unit: mm
JEDEC
JEITA
TOSHIBA
4-5AZ1
Weight: 0.29 g (Typ.)
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com
Optoelectronics
Marktech


Similar Part No. - TLRH30TPF

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
TOSHIBA InGaA?밣 LED
More results

Similar Description - TLRH30TPF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com