Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH30TPF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSH30TPF
Description  Panel Circuit Indicators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH30TPF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSH30TPF Datasheet HTML 1Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 2Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 3Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 4Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 5Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 6Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 7Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 8Page - Toshiba Semiconductor TLSH30TPF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL(RH,RMH,SH,OH,YH)30TP(F)
2009-03-09
3
Electrical and Optical Characteristics (Ta = 25°C)
Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse
Current
IR
λd
λP
Δλ
Product Name
Min
Typ.
Max
Typ.
Typ.
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRH30TP(F)
―
630
―
644
13
20
272
680
20
1.9
2.4
20
50
4
TLRMH30TP(F)
―
626
―
636
13
20
476
950
20
1.9
2.4
20
50
4
TLSH30TP(F)
―
613
―
623
13
20
476
1300
20
2.0
2.4
20
50
4
TLOH30TP(F)
―
605
―
612
13
20
476
1600
20
2.0
2.4
20
50
4
TLYH30P(F)
581
587
595
590
13
20
476
1350
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com