Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA555 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPA555
Description  SiC SCHOTTKY SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA555 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPA555 Datasheet HTML 1Page - Solid States Devices, Inc SPA555 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0038D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPA555 __ __ __
│
│
│
│
│
│
│
│
└ Screening2/ __ = Not screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└ Terminals3/
= Turret Terminals
L = Copper Leads
SM = Surface Mount
└ Voltage M = 1000 V
N = 1200 V
SPA555 Series
20A / 1000 - 1200V
SiC SCHOTTKY
SINGLE PHASE BRIDGE
Features:
• 1200V Silicon Carbide Schottky Rectifier
• Average Output Current 20 Amps
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change over Temperature
• Small Package Size (1.25 x 1.25 x 0.350”)
• Cases with Aluminum Heatsink are Available. Consult
Factory
• TX and TXV & S Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse
Voltage
SPA555M
SPA555N
VRRM
VRSM
VR
1000
1200
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave, TC = 55°C)
IO
20
Amps
Peak Surge Current 5/
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
26
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Junction Temperature
TJ
-55 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
1.5
ºC/W
1
SPA555 ( )
SPA555 (L)
SPA555 (SM)


Similar Part No. - SPA555

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA555 SSDI-SPA555 Datasheet
144Kb / 2P
20A / 1000 - 1200V SiC SCHOTTKY SINGLE PHASE BRIDGE
SPA555M SSDI-SPA555M Datasheet
144Kb / 2P
20A / 1000 - 1200V SiC SCHOTTKY SINGLE PHASE BRIDGE
SPA555N SSDI-SPA555N Datasheet
144Kb / 2P
20A / 1000 - 1200V SiC SCHOTTKY SINGLE PHASE BRIDGE
More results

Similar Description - SPA555

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB IRF-26MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
1BQ20 IRF-1BQ20 Datasheet
117Kb / 2P
1A SINGLE PHASE D.I.L SCHOTTKY BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
SPA555 SSDI-SPA555 Datasheet
144Kb / 2P
20A / 1000 - 1200V SiC SCHOTTKY SINGLE PHASE BRIDGE
logo
International Rectifier
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
logo
Microchip Technology
MSCSM170TAM45CT3AG MICROCHIP-MSCSM170TAM45CT3AG Datasheet
852Kb / 17P
Triple Phase Bridge SiC MOSFET Power Module
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com