Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH50T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSH50T
Description  Panel Circuit Indicators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH50T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSH50T Datasheet HTML 1Page - Toshiba Semiconductor TLSH50T Datasheet HTML 2Page - Toshiba Semiconductor TLSH50T Datasheet HTML 3Page - Toshiba Semiconductor TLSH50T Datasheet HTML 4Page - Toshiba Semiconductor TLSH50T Datasheet HTML 5Page - Toshiba Semiconductor TLSH50T Datasheet HTML 6Page - Toshiba Semiconductor TLSH50T Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL(RH,SH,OH,YH)50T(F)
2008-12-26
2
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Part Number
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRH50T(F)
630
644
13
20
850
2000
20
1.9
2.4
20
50
4
TLSH50T(F)
613
623
13
20
2720
4700
20
2.0
2.4
20
50
4
TLOH50T(F)
605
612
13
20
1530
5800
20
2.0
2.4
20
50
4
TLYH50T(F)
587
590
13
20
1530
4400
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature : 260°C max, soldering time : 3 seconds max
(Soldering portion of lead : up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.
Part Number
Forward Current
IF (mA) (Note 1)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage Temperature
Tstg (°C)
TLRH50T(F)
TLSH50T(F)
TLOH50T(F)
TLYH50T(F)
50
4
120
−40 to 100
−40 to 120
Ambient temperature Ta (°C)
0
60
0
40
80
20
120
20
40
60
80
100
IF – Ta



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com