Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6505UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6505UT
Description  Dual Trip SOT Temperature Switches No External Components Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6505UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6505UT Datasheet HTML 1Page - Maxim Integrated Products MAX6505UT Datasheet HTML 2Page - Maxim Integrated Products MAX6505UT Datasheet HTML 3Page - Maxim Integrated Products MAX6505UT Datasheet HTML 4Page - Maxim Integrated Products MAX6505UT Datasheet HTML 5Page - Maxim Integrated Products MAX6505UT Datasheet HTML 6Page - Maxim Integrated Products MAX6505UT Datasheet HTML 7Page - Maxim Integrated Products MAX6505UT Datasheet HTML 8Page - Maxim Integrated Products MAX6505UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Dual Trip SOT Temperature Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, RPULLUP = 100k
Ω (MAX6505/MAX6507 only), TA = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = +25°C and VCC = +5V, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND) ..................................-0.3V to +6V
S1, S0 to GND ............................................-0.3V to (VCC + 0.3V)
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins...........................................±20mA
Continuous Power Dissipation (TA = +70°C)
SOT23 (derate 8.7mW/°C above +70°C) ....................696mW
Operating Temperature Range (TMIN to TMAX) ..-40°C to +125°C
Thermal Resistance (
θJA)...............................................115°C/W
Storage Temperature Range .............................-65°C to +150°C
Maximum Die Temperature..............................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
2.5
5.5
V
S0 = S1 = GND
MAX6505/
MAX6506
40
80
Supply Current
ICC
S0 = GND
MAX6507/
MAX6508
30
60
μA
-40
°C to 0°C
-5.5
±0.5
5.5
0
°C to +95°C
-3.5
±0.5
3.5
Temperature Threshold
Accuracy (Note 2)
ΔTTH
+95
°C to +125°C
-4
±0.5
4
°C
S1 = GND, S0 = GND
5
S1 = GND, S0 = VCC
10
S1 = VCC, S0 = GND
20
Delta Temperature
(TALARM -TWARNING)
MAX6505/MAX6506
ΔTAW
S1 = VCC, S0 = VCC
30
°C
ALARM (MAX6505/MAX6506)
2
ΔTAW = 5°C or
10
°C
5
WARN
(MAX6505/MAX6506)
ΔTAW = 20°C or
30
°C
10
S0 = GND
2
Temperature Threshold
Hysteresis (Note 3)
THYST
OK, OVER
(MAX6507/MAX6508)
S0 = VCC
10
°C
VIH
0.8 x
VCC
Logic Input Levels (S1, S0)
VIL
0.8
V
ISOURCE = 500
μA, VCC > 2.5V
0.8 x
VCC
Output Voltage High
(MAX6506/MAX6508)
VOH
ISOURCE = 800
μA,VCC > 4.5V
VCC
-1.5
V
ISINK = 3.2mA, VCC > 2.5V
0.5
Output Voltage Low
VOL
ISINK = 5mA, VCC > 4.5V
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com