Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS367 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 1SS367
Description  SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

1SS367 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  1SS367 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1SS367 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1SS367 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS367
Forward Voltage VF (V)
Reverse Voltage VR (V)
30m
10m
0
10
30
20
40
1
0.3
0.1
10
3
CT-VR
f=1MHz
Ta=25°C
Ta=100°C
50°C
30
10
0
100
0.1
1m
300
10m
3m
25°C
100m
30m
300m
75°C
-25°C
0°C
0.2
0.3
0.4
0.5
IF - VF
Reverse Voltage VR (V)
Mounted on a glass
epoxy circuit board of
20*20mm, pad
dimension 4*4 mm
Ambient Temperature Ta (°C)
100
25
0
40
0
80
75
50
200
120
160
240
150
125
10
10
300n
30n
10n
0
100n
2
1
3
-25°C
4
68
25°C
0°C
1m
100
30
300
50°C
75°C
Ta=100°C
IR - VR
12
14
Ptot - Ta



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com