Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8902A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8902A
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8902A Datasheet HTML 1Page - Maxim Integrated Products MAX8902A Datasheet HTML 2Page - Maxim Integrated Products MAX8902A Datasheet HTML 3Page - Maxim Integrated Products MAX8902A Datasheet HTML 4Page - Maxim Integrated Products MAX8902A Datasheet HTML 5Page - Maxim Integrated Products MAX8902A Datasheet HTML 6Page - Maxim Integrated Products MAX8902A Datasheet HTML 7Page - Maxim Integrated Products MAX8902A Datasheet HTML 8Page - Maxim Integrated Products MAX8902A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Detailed Description
The MAX8902A/MAX8902B low-noise, low-dropout lin-
ear regulators deliver up to 500mA of output current
with only 16µVRMS of output noise in a 100kHz band-
width. These regulators maintain their output voltage
over a wide input range, requiring only 100mV of input-
to-output headroom at full load.
The MAX8902 maintains a low 80µA typical supply cur-
rent, independent of the load current and dropout volt-
age. The regulator control circuitry includes a
programmable soft-start circuit and short circuit,
reverse current, and thermal-overload protection. Other
features include an enable input and a power-OK
(POK) output (MAX8902B only). A simplified functional
diagram is shown in Figure 1.
The MAX8902A output voltage can be set to 1.5V, 1.8V,
2.0V, 2.5V, 3.0V, 3.1V, 3.3V, 4.6V, or 4.7V using the
SELA and SELB inputs. The MAX8902B output voltage
can be set between 0.6V and 5.3V with an external
resistor voltage-divider.
Enable (EN)
The MAX8902A/MAX8902B include an enable input,
EN. Pull EN low to shut down the output, or drive EN
high to enable the output. If shutdown is not needed,
connect EN to IN.
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
_______________________________________________________________________________________
5
Pin Description
NAME
PIN
MAX8902A
MAX8902B
FUNCTION
1IN
IN
Regulator Power Input. Connect IN to a supply from 1.7V to 5.5V. Bypass IN with a 10µF
ceramic capacitor to GND.
2
GND
GND
Ground
3EN
EN
Enable Input. A logic-low drives the output low through a 3k
Ω resistor and reduces the
supply current to less than 1µA. Drive logic-high or connect to IN for normal operation.
SELA
—
Output Voltage Select Input. Connect SELA to GND, IN, or leave unconnected. The states of
SELA and SELB are sampled when the regulator turns on and the output voltage is set as
shown in Table 2.
4
—
GS
Internally Used. Connect GS to GND.
SELB
—
Output Voltage Select Input. Connect SELB to GND, IN, or leave unconnected. The states of
SELA and SELB are sampled when the regulator turns on and the output voltage is set as
shown in Table 2.
5
—
POK
Power-OK Output. Open-drain output that goes low when the output is above 91% of the
nominal regulation voltage. POK is high impedance in shutdown or when the output is below
the regulation voltage.
OUTS
—
Output Sense Input. Connect OUTS to the load at a point where accurate regulation is
required, or connect OUTS directly to OUT.
6
—FB
Feedback Input. Connect FB to the center of a resistor voltage-divider connected between
OUT and GND to set the output voltage. VFB regulates to 0.6V.
7
BYP
BYP
Bypass Input. Connect a 0.01µF ceramic capacitor from BYP to OUT to achieve 16µVRMS
output noise. Adjust the value of this capacitor to control the output slew rate during startup.
Slew Rate = (5V / ms) x (0.01µF / CBYP)
8
OUT
OUT
Regulator Output. Sources up to 500mA at the output regulation voltage. Bypass with a 10µF
(< 0.03
Ω ESR) capacitor to GND.
—
EP
EP
Exposed Paddle. Connect the exposed paddle to a ground plane to provide heat sinking.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com