Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAS316 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # KAS316
Description  High-Speed Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KAS316 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KAS316 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
High-Speed Diode
KAS316(BAS316)
Features
Very small plastic SMD package
High switching speed: max. 4 ns
Continuous reverse voltage:max. 75 V
Repetitive peak reverse voltage:max. 85 V
Repetitive peak forward current:max. 500 mA.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IF =1mA
715
mV
IF =10mA
855
mV
IF =50mA
1
v
IF = 150 mA
1.25
v
VR =25V
30
nA
VR =75V
1
A
VR =25V;Tj = 150
30
A
VR =75V;Tj = 150
50
A
Junction Capacitance
CJ
VR =0,f=1.0MHz
1.5
pF
reverse recovery time
trr
when switched from IF =10mAtoIR =10mA;
RL =100
;measuredatIR =1mA
4ns
IR
VF
Forwarad voltage
Leakage current
Marking
Marking
A6
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
repetitive peak reverse voltage
VRRM
85
V
continuous reverse voltage
VR
75
V
continuous forward current
IF
250
mA
repetitive peak forward current
IFRM
500
mA
non-repetitive peak forward current
t = 1 ms
4A
t=1
s
1A
t=1s
0.5
A
power dissipation
PD
400
mW
junction temperature
Tj
150
storage temperature
Tstg
-65to+150
IFSM


Similar Part No. - KAS316

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAS316 KEXIN-KAS316 Datasheet
38Kb / 1P
High-Speed Diode
More results

Similar Description - KAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
NXP Semiconductors
PMBD6050,215 NXP-PMBD6050,215 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
High-speed diode
LBAS516T1G LRC-LBAS516T1G_15 Datasheet
204Kb / 4P
High-speed Diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
High-speed diode
2004 Jan 14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com