Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14566E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14566E
Description  USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14566E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14566E Datasheet HTML 1Page - Maxim Integrated Products MAX14566E Datasheet HTML 2Page - Maxim Integrated Products MAX14566E Datasheet HTML 3Page - Maxim Integrated Products MAX14566E Datasheet HTML 4Page - Maxim Integrated Products MAX14566E Datasheet HTML 5Page - Maxim Integrated Products MAX14566E Datasheet HTML 6Page - Maxim Integrated Products MAX14566E Datasheet HTML 7Page - Maxim Integrated Products MAX14566E Datasheet HTML 8Page - Maxim Integrated Products MAX14566E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
USB Host Charger Identification
Analog Switches
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC, TDP, TDM, CB, DP, DM, CEN/CEN, CB1....-0.3V to +6.0V
Continuous Current into any Terminal............................. Q30mA
Continuous Power Dissipation (TA = +70NC)
TDFN (derate 11.9mW/NC above +70NC) ....................954mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VCC = 2.8V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5.0V, TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
TDFN
Junction-to-Ambient Thermal Resistance (
qJA)...........84°C/W
Junction-to-Case Thermal Resistance (
qJC)................37°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY (MAX14566E/MAX14566AE)
Power-Supply Range
VCC
VCB > VIH
2.8
5.5
V
VCB = 0V (Note 3)
4.75
5.25
V
Supply Current
ICC
VCB = VCC
VCC = 3.3V
2
F
A
VCC = 5.5V
7
VCB = 0V
VCC = 4.75V
110
200
VCC = 5.25V
120
200
Supply Current Increase
D
ICC
0 P VCB P VIL or VIH P VCB P VCC
2
F
A
POWER SUPPLY (MAX14566BE)
Power-Supply Range
VCC
VCB = VCC and VCB1 = VCC or VCB = VCC
and VCB1 = 0V or VCB = 0V and
VCB1 = VCC
2.8
5.5
V
VCB = 0V and VCB1 = 0V (Note 3)
4.75
5.25
V
Supply Current
ICC
VCB = VCC and
VCB1 = VCC or
VCB = VCC and
VCB1 = 0V
VCC = 3.3V
2
mA
VCC = 5.5V
7
VCB = 0V and
VCB1 = 0V
VCC = 4.75V
110
200
VCC = 5.25V
120
200
VCB = 0V and
VCB1 = VCC
VCC = 5.0V for TYP
VCC = 5.5V for MAX
3
7
Supply Current Increase
D
ICC
VCB1 = 0V; 0 ≤ VCB ≤ VIL
and VIH ≤ VCB ≤ VCC (Note 4)
1
mA
VCB = 0V; 0 ≤ VCB1 ≤ VIL
and VIH ≤ VCB1 ≤ VCC (Note 4)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com